Part Number Hot Search : 
2SC429 BLF888 LT1509CN HD74H C1892CT HT48R ISL62 CD010
Product Description
Full Text Search
 

To Download 74AHC2G32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74ahc2g/ahct2g32 is a high-speed si-gate cmos device. this device provides two 2-input or gates. 2. features n symmetrical output impedance n high noise immunity n esd protection: u hbm eia/jesd22-a114-a exceeds 2000 v u mm eia/jesd22-a115-a exceeds 200 v u cdm eia/jesd22-c101 exceeds 1000 v. n low power dissipation n balanced propagation delays n sot505-2 and sot765-1 package n speci?ed from - 40 cto+85 c and - 40 c to +125 c. 3. quick reference data [1] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; 74AHC2G32; 74ahct2g32 dual 2-input or gate rev. 01 23 february 2004 product data sheet table 1: quick reference data gnd = 0 v; t amb =25 c; t r =t f 3.0 ns. symbol parameter conditions min typ max unit type 74ahc2g t phl , t plh propagation delay na and nb to ny c l =15pf; v cc =5v - 3.2 5.5 ns c i input capacitance - 1.5 10 pf c pd power dissipation capacitance c l =50pf; f i = 1 mhz [1] [2] -16-pf type 74ahct2g t phl , t plh propagation delay na and nb to ny c l =15pf; v cc =5v - 3.3 6.9 ns c i input capacitance - 1.5 10 pf c pd power dissipation capacitance c l =50pf; f i = 1 mhz [1] [2] -17-pf
9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 2 of 16 philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate c l = output load capacitance in pf; v cc = supply voltage in volts; n = total load switching outputs; s (c l v cc 2 f o ) = sum of the outputs. [2] the condition is v i = gnd to v cc . 4. ordering information 5. marking 6. functional diagram table 2: ordering information type number package temperature range name description version 74AHC2G32dp - 40 c to +125 c tssop8 plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm sot505-2 74ahct2g32dp - 40 c to +125 c tssop8 plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm sot505-2 74AHC2G32dc - 40 c to +125 c vssop8 plastic very shrink small outline package; 8 leads; body width 2.3 mm sot765-1 74ahct2g32dc - 40 c to +125 c vssop8 plastic very shrink small outline package; 8 leads; body width 2.3 mm sot765-1 table 3: marking type number marking code 74AHC2G32dp a32 74ahct2g32dp c32 74AHC2G32dc a32 74ahct2g32dc c32 fig 1. functional diagram. fig 2. iec logic symbol. mna733 1a 1b 1y 2 1 7 2a 2b 2y 6 5 3 mna734 7 3 1 3 1 2 1 3 6 5
9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 3 of 16 philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate 7. pinning information 7.1 pinning 7.2 pin description fig 3. logic diagram (logic driver). mna166 b a y fig 4. pin con?guration. 32 1a v cc 1b 1y 2y 2b gnd 2a mna732 1 2 3 4 6 5 8 7 table 4: pin description pin symbol description 1 1a data input 2 1b data input 3 2y data output 4 gnd ground (0 v) 5 2a data input 6 2b data input 7 1y data output 8v cc supply voltage
9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 4 of 16 philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate 8. functional description 8.1 function table [1] h = high voltage level; l = low voltage level. 9. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. 10. recommended operating conditions table 5: function table [1] input output na nb ny lll lhh hl h hhh table 6: limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +7.0 v v i input voltage - 0.5 +7.0 v i ik input diode current v i < - 0.5 v - - 20 ma i ok output diode current v o < - 0.5 v or v o >v cc + 0.5 v [1] - 20 ma i o output source or sink current v o > - 0.5 v or v o 9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 5 of 16 philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate 11. static characteristics t r ,t f input rise and fall times v cc = 3.3 v 0.3 v - - 100 ns/v v cc =5v 0.5 v - - 20 ns/v type 74ahct2g v cc supply voltage 4.5 5.0 5.5 v v i input voltage 0 - 5.5 v v o output voltage 0 - v cc v t amb operating ambient temperature see section 11 and section 12 per device - 40 +25 +125 c t r ,t f input rise and fall times v cc =5v 0.5 v - - 20 ns/v table 7: recommended operating operations continued symbol parameter conditions min typ max unit table 8: static characteristics type 74AHC2G32 at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb =25 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 3.0 v 2.1 - - v v cc = 5.5 v 3.85 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 3.0 v - - 0.9 v v cc = 5.5 v - - 1.65 v v oh high-level output voltage v i =v ih or v il i o = - 50 m a; v cc = 2.0 v 1.9 2.0 - v i o = - 50 m a; v cc = 3.0 v 2.9 3.0 - v i o = - 50 m a; v cc = 4.5 v 4.4 4.5 - v i o = - 4.0 ma; v cc = 3.0 v 2.58 - - v i o = - 8.0 ma; v cc = 4.5 v 3.94 - - v v ol low-level output voltage v i =v ih or v il i o =50 m a; v cc = 2.0 v - 0 0.1 v i o =50 m a; v cc = 3.0 v - 0 0.1 v i o =50 m a; v cc = 4.5 v - 0 0.1 v i o = 4.0 ma; v cc = 3.0 v - - 0.36 v i o = 8.0 ma; v cc = 4.5 v - - 0.36 v i li input leakage current v i =v cc or gnd; v cc = 5.5 v - - 0.1 m a i cc quiescent supply current v i =v cc or gnd; i o =0a; v cc = 5.5 v - - 1.0 m a c i input capacitance - 1.5 10 pf
9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 6 of 16 philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate t amb = - 40 c to +85 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 3.0 v 2.1 - - v v cc = 5.5 v 3.85 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 3.0 v - - 0.9 v v cc = 5.5 v - - 1.65 v v oh high-level output voltage v i =v ih or v il i o = - 50 m a; v cc = 2.0 v 1.9 - - v i o = - 50 m a; v cc = 3.0 v 2.9 - - v i o = - 50 m a; v cc = 4.5 v 4.4 - - v i o = - 4.0 ma; v cc = 3.0 v 2.48 - - v i o = - 8.0 ma; v cc = 4.5 v 3.8 - - v v ol low-level output voltage v i =v ih or v il i o =50 m a; v cc = 2.0 v - - 0.1 v i o =50 m a; v cc = 3.0 v - - 0.1 v i o =50 m a; v cc = 4.5 v - - 0.1 v i o = 4.0 ma; v cc = 3.0 v - - 0.44 v i o = 8.0 ma; v cc = 4.5 v - - 0.44 v i li input leakage current v i =v cc or gnd; v cc = 5.5 v - - 1.0 m a i cc quiescent supply current v i =v cc or gnd; i o =0a; v cc = 5.5 v --10 m a c i input capacitance - - 10 pf t amb = - 40 c to +125 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 3.0 v 2.1 - - v v cc = 5.5 v 3.85 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 3.0 v - - 0.9 v v cc = 5.5 v - - 1.65 v v oh high-level output voltage v i =v ih or v il i o = - 50 m a; v cc = 2.0 v 1.9 - - v i o = - 50 m a; v cc = 3.0 v 2.9 - - v i o = - 50 m a; v cc = 4.5 v 4.4 - - v i o = - 4.0 ma; v cc = 3.0 v 2.40 - - v i o = - 8.0 ma; v cc = 4.5 v 3.70 - - v table 8: static characteristics type 74AHC2G32 continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 7 of 16 philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate v ol low-level output voltage v i =v ih or v il i o =50 m a; v cc = 2.0 v - - 0.1 v i o =50 m a; v cc = 3.0 v - - 0.1 v i o =50 m a; v cc = 4.5 v - - 0.1 v i o = 4.0 ma; v cc = 3.0 v - - 0.55 v i o = 8.0 ma; v cc = 4.5 v - - 0.55 v i li input leakage current v i =v cc or gnd; v cc = 5.5 v - - 2.0 m a i cc quiescent supply current v i =v cc or gnd; i o =0a; v cc = 5.5 v --40 m a c i input capacitance - - 10 pf table 8: static characteristics type 74AHC2G32 continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit table 9: static characteristics type 74ahct2g32 at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb =25 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v v oh high-level output voltage v i =v ih or v il i o = - 50 m a; v cc = 4.5 v 4.4 4.5 - v i o = - 8.0 ma; v cc = 4.5 v 3.94 - - v v ol low-level output voltage v i =v ih or v il i o =50 m a; v cc = 4.5 v - 0 0.1 v i o = 8.0 ma; v cc = 4.5 v - - 0.36 v i li input leakage current v i =v ih or v il ; v cc = 5.5 v - - 0.1 m a i cc quiescent supply current v i =v cc or gnd; i o =0a; v cc = 5.5 v - - 1.0 m a d i cc additional quiescent supply current per input pin v i = 3.4 v; other inputs at v cc or gnd; i o =0a; v cc = 5.5 v - - 1.35 ma c i input capacitance - 1.5 10 pf t amb = - 40 c to +85 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v v oh high-level output voltage v i =v ih or v il i o = - 50 m a; v cc = 4.5 v 4.4 - - v i o = - 8.0 ma; v cc = 4.5 v 3.8 - - v
9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 8 of 16 philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate v ol low-level output voltage v i =v ih or v il i o =50 m a; v cc = 4.5 v - - 0.1 v i o = 8.0 ma; v cc = 4.5 v - - 0.44 v i li input leakage current v i =v ih or v il ; v cc = 5.5 v - - 1.0 m a i cc quiescent supply current v i =v cc or gnd; i o =0a; v cc = 5.5 v --10 m a d i cc additional quiescent supply current per input pin v i = 3.4 v; other inputs at v cc or gnd; i o =0a; v cc = 5.5 v - - 1.5 ma c i input capacitance - - 10 pf t amb = - 40 c to +125 c v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 - - v v il low-level input voltage v cc = 4.5 v to 5.5 v - - 0.8 v v oh high-level output voltage v i =v ih or v il i o = - 50 m a; v cc = 4.5 v 4.4 - - v i o = - 8.0 ma; v cc = 4.5 v 3.70 - - v v ol low-level output voltage v i =v ih or v il i o =50 m a; v cc = 4.5 v - - 0.1 v i o = 8.0 ma; v cc = 4.5 v - - 0.55 v i li input leakage current v i =v ih or v il ; v cc = 5.5 v - - 2.0 m a i cc quiescent supply current v i =v cc or gnd; i o =0a; v cc = 5.5 v --40 m a d i cc additional quiescent supply current per input pin v i = 3.4 v; other inputs at v cc or gnd; i o =0a; v cc = 5.5 v - - 1.5 ma c i input capacitance - - 10 pf table 9: static characteristics type 74ahct2g32 continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 9 of 16 philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate 12. dynamic characteristics [1] typical values are measured at v cc = 3.3 v. [2] typical values are measured at v cc = 5.0 v. [3] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in volts; n = total load switching outputs; s (c l v cc 2 f o ) = sum of the outputs. [4] the condition is v i = gnd to v cc . table 10: dynamic characteristics type 74AHC2G32 at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); t r = t f 3.0 ns; see figure 6 . symbol parameter conditions min typ max unit t amb = 25 c t phl , t plh propagation delay na and nb to ny see figure 5 v cc = 3.0 v to 3.6 v; c l =15pf [1] - 4.4 7.9 ns v cc = 4.5 v to 5.5 v; c l =15pf [2] - 3.2 5.5 ns v cc = 3.0 v to 3.6 v; c l = 50 pf - 6.3 11.4 ns v cc = 4.5 v to 5.5 v; c l = 50 pf - 4.6 7.5 ns c pd power dissipation capacitance c l = 50 pf; f i = 1 mhz [3] [4] -16- pf t amb = - 40 c to +85 c t phl , t plh propagation delay na and nb to ny see figure 5 v cc = 3.0 v to 3.6 v; c l = 15 pf 1.0 - 9.5 ns v cc = 4.5 v to 5.5 v; c l = 15 pf 1.0 - 6.5 ns v cc = 3.0 v to 3.6 v; c l = 50 pf 1.0 - 13.0 ns v cc = 4.5 v to 5.5 v; c l = 50 pf 1.0 - 8.5 ns t amb = - 40 c to +125 c t phl , t plh propagation delay na and nb to ny see figure 5 v cc = 3.0 v to 3.6 v; c l = 15 pf 1.0 - 10.0 ns v cc = 4.5 v to 5.5 v; c l = 15 pf 1.0 - 7.0 ns v cc = 3.0 v to 3.6 v; c l = 50 pf 1.0 - 14.5 ns v cc = 4.5 v to 5.5 v; c l = 50 pf 1.0 - 9.5 ns
9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 10 of 16 philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate [1] typical values are measured at v cc = 5.0 v. [2] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in volts; n = total load switching outputs; s (c l v cc 2 f o ) = sum of the outputs. [3] the condition is v i = gnd to v cc . 13. waveforms table 11: dynamic characteristics type 74ahct2g32 at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); t r = t f 3.0 ns; see figure 6 . symbol parameter conditions min typ max unit t amb = 25 c t phl , t plh propagation delay na and nb to ny see figure 5 v cc = 4.5 v to 5.5 v; c l =15pf [1] - 3.3 6.9 ns v cc = 4.5 v to 5.5 v; c l =50pf [1] - 4.8 7.9 ns c pd power dissipation capacitance c l = 50 pf; f i = 1 mhz [2] [3] -17-pf t amb = - 40 c to +85 c t phl , t plh propagation delay na and nb to ny see figure 5 v cc = 4.5 v to 5.5 v; c l = 15 pf 1.0 - 8.0 ns v cc = 4.5 v to 5.5 v; c l = 50 pf 1.0 - 9.0 ns t amb = - 40 c to +125 c t phl , t plh propagation delay na and nb to ny see figure 5 v cc = 4.5 v to 5.5 v; c l = 15 pf 1.0 - 9.0 ns v cc = 4.5 v to 5.5 v; c l = 50 pf 1.0 - 10.0 ns 74AHC2G32: v m = 0.5 x v cc ; v i = gnd to v cc . 74ahct2g32: input v m = 1.5 v and output v m = 0.5 x v cc ; v i = gnd to 3.0 v. fig 5. the input (na and nb) to output (ny) propagation delays. mna224 na, nb input ny output t plh t phl gnd v i v m v m v oh v ol
9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 11 of 16 philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate de?nitions for test circuit: c l = load capacitance including jig and probe capacitance (see section 12 for the value). r t = termination resistance should be equal to the output impedance z o of the pulse generator. fig 6. load circuitry for switching times. mna101 v cc v i v o r t c l pulse generator d.u.t.
9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 12 of 16 philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate 14. package outline fig 7. package outline tssop8 unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (1) z (1) q references outline version european projection issue date iec jedec jeita mm 0.15 0.00 0.95 0.75 0.38 0.22 0.18 0.08 3.1 2.9 3.1 2.9 0.65 4.1 3.9 0.70 0.35 8 0 0.13 0.1 0.2 0.5 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.47 0.33 sot505-2 - - - 02-01-16 w m b p d z e 0.25 14 8 5 q a 2 a 1 l p (a 3 ) detail x a l h e e c v m a x a y 2.5 5 mm 0 scale tssop8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm sot505-2 1.1 pin 1 index
9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 13 of 16 philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate fig 8. package outline vssop8 unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (2) z (1) q references outline version european projection issue date iec jedec jeita mm 0.15 0.00 0.85 0.60 0.27 0.17 0.23 0.08 2.1 1.9 2.4 2.2 0.5 3.2 3.0 0.4 0.1 8 0 0.13 0.1 0.2 0.4 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic or metal protrusions of 0.25 mm maximum per side are not included. 0.40 0.15 q 0.21 0.19 sot765-1 mo-187 02-06-07 w m b p d z e 0.12 14 8 5 q a 2 a 1 q l p (a 3 ) detail x a l h e e c v m a x a y 2.5 5 mm 0 scale vssop8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm sot765-1 1 pin 1 index
philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate 9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 14 of 16 15. revision history table 12: revision history document id release date data sheet status change notice order number supersedes 74ahc_ahct2g32_1 20040223 product data - 9397 750 12532 -
philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate 9397 750 12532 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 01 23 february 2004 15 of 16 16. data sheet status [1] please consult the most recently issued data sheet before initiating or completing a design. [2] the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the l atest information is available on the internet at url http://www.semiconductors.philips.com. [3] for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. 17. de?nitions short-form speci?cation the data in a short-form speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values de?nition limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. 18. disclaimers life support these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change noti?cation (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise speci?ed. 19. contact information for additional information, please visit http://www.semiconductors.philips.com for sales of?ce addresses, send an email to: sales.addresses@www.semiconductors.philips.com level data sheet status [1] product status [2] [3] de?nition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn).
? koninklijke philips electronics n.v. 2004 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: 23 february 2004 document order number: 9397 750 12532 published in the netherlands philips semiconductors 74AHC2G32; 74ahct2g32 dual 2-input or gate 20. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 quick reference data . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 7 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 7.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 7.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 8 functional description . . . . . . . . . . . . . . . . . . . 4 8.1 function table . . . . . . . . . . . . . . . . . . . . . . . . . . 4 9 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 10 recommended operating conditions. . . . . . . . 4 11 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 12 dynamic characteristics . . . . . . . . . . . . . . . . . . 9 13 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 14 package outline . . . . . . . . . . . . . . . . . . . . . . . . 12 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 14 16 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 15 17 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 18 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 19 contact information . . . . . . . . . . . . . . . . . . . . 15


▲Up To Search▲   

 
Price & Availability of 74AHC2G32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X